PART |
Description |
Maker |
ATSAM3U4CA-AU ATSAM3U4CA-CU ATSAM3U4EA-AU ATSAM3U4 |
AT91ARM M3 Cortex-based Processor
|
ATMEL Corporation
|
ATSAMD20E17 |
ARM Cortex-M0 based microcontroller with 128KB Flash, 16KB SRAM, 48MHz, serial communication modules, ADC/DAC,32 pins
|
Atmel, Corp.
|
MB90925 MB90F927 MB90F927PF-GE1 MB90F927PFV-GE1 MB |
16-bit Microcontrolle
|
Fujitsu Media Devices Limited
|
STM32L072XB STM32L072VZ |
Ultra-low-power 32-bit MCU ARM-based Cortex-M0 , up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
|
STMicroelectronics
|
STM32F100VCT6 STM32F100VCT6BTR STM32F100VCT7BTR ST |
Mainstream Value line, ARM Cortex-M3 MCU with 384 Kbytes Flash, 24 MHz CPU, motor control and CEC functions Mainstream Value line, ARM Cortex-M3 MCU with 256 Kbytes Flash, 24 MHz CPU, motor control and CEC functions Mainstream Value line, ARM Cortex-M3 MCU with 512 Kbytes Flash, 24 MHz CPU, motor control and CEC functions High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces Mainstream Value line, ARM Cortex-M3 MCU with 512 Kbytes, 24 MHz CPU, motor control and CEC functions
|
ST Microelectronics STMicroelectronics N.V.
|
CD00191174 STM32F101RET6 STM32F101VET6 STM32F101ZE |
Mainstream Access line, ARM Cortex-M3 MCU with 384 Kbytes Flash, 36 MHz CPU High-density access line, ARM-based 32-bit MCU Mainstream Access line, ARM Cortex-M3 MCU with 512 Kbytes Flash, 36 MHz CPU
|
STMicroelectronics ST Microelectronics
|
SAMA5D3 ATSAMA5D31A-CU ATSAMA5D34A-CU ATSAMA5D33A- |
The Atmel SAMA5D3 series is a high-performance, power-efficient embedded MPU based on the ARM? Cortex?A5 processor, achieving 536 MHz with power consumption levels below 0.5 mW in low-power mode.
|
ATMEL Corporation
|
STM32F745VE STM32F746VG STM32F746BE STM32F746ZG ST |
Up to 168 I/O ports with interrupt capability ARM-based Cortex-M7 32b MCU FPU, 462DMIPS, up to 1MB Flash/320 16 4KB RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
|
STMicroelectronics
|
STM32F103RG STM32F103RF STM32F103RGT6 STM32F103VF |
Mainstream Performance line, ARM Cortex-M3 MCU with 1 Mbyte Flash, 72 MHz CPU, motor control, USB and CAN XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB, CAN, 17 timers, 3 ADCs, 13 communication interfaces Mainstream Performance line, ARM Cortex-M3 MCU with 768 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN
|
ST Microelectronics STMicroelectronics
|
LPC2420 |
(LPC2420 / LPC2460) Flashless 16-bit/32-bit microcontrolle
|
NXP Semiconductors
|
LPC1768FET100 LPC1766FBD100 LPC1768FBD100 LPC1763F |
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet Cortex-M3 with 256 kB flash, 64 kB SRAM, 12-bit ADC, DAC, I2S
|
NXP Semiconductors N.V.
|
STM32F417ZG STM32F417IG STM32F415RG STM32F415XX ST |
High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 168 MHz CPU, Art Accelerator, HW crypto ARM Cortex-M4 32b MCU FPU, 210DMIPS, up to 1MB Flash/192 4KB RAM
|
ST Microelectronics STMicroelectronics
|
|